Part Number Hot Search : 
KFG5616 2R06FP 74183 28C94 333J1000 M51516L PA0059 MAX17049
Product Description
Full Text Search
 

To Download IRF640NLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet ? power mosfet parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 18 i d @ t c = 100c continuous drain current, v gs @ 10v 13 a i dm pulsed drain current  72 p d @t c = 25c power dissipation 150 w linear derating factor 1.0 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy  247 mj i ar avalanche current  18 a e ar repetitive avalanche energy  15 mj dv/dt peak diode recovery dv/dt  8.1 v/ns t j operating junction and -55 to +175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew  10 lbf?in (1.1n?m) absolute maximum ratings description v dss = 200v r ds(on) = 0.15 ? i d = 18a s d g  advanced process technology  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  ease of paralleling  simple drive requirements d 2 pak irf640nspbf to-220ab irf640npbf to-262 IRF640NLPBF irf640npbf irf640nspbf IRF640NLPBF fifth generation hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on- resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0w in a typical surface mount application. the through-hole version (irf640nl) is available for low- profile application. 1  lead-free www.kersemi.com
2 irf640npbf/spbf/lpbf s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 11a, v gs = 0v  t rr reverse recovery time ??? 167 251 ns t j = 25c, i f = 11a q rr reverse recovery charge ??? 929 1394 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 18 72  parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 200 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.25 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 0.15 ? v gs = 10v, i d = 11a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 6.8 ??? ??? s v ds = 50v, i d = 11a  ??? ??? 25 a v ds = 200v, v gs = 0v ??? ??? 250 v ds = 160v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 67 i d = 11a q gs gate-to-source charge ??? ??? 11 nc v ds = 160v q gd gate-to-drain ("miller") charge ??? ??? 33 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time ??? 10 ??? v dd = 100v t r rise time ??? 19 ??? i d = 11a t d(off) turn-off delay time ??? 23 ??? r g = 2.5 ? t f fall time ??? 5.5 ??? r d = 9.0 ? , see fig. 10  between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 1160 ??? v gs = 0v c oss output capacitance ??? 185 ??? v ds = 25v c rss reverse transfer capacitance ??? 53 ??? pf ? = 1.0mhz, see fig. 5 nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns   i dss drain-to-source leakage current thermal resistance parameter typ. max. units r jc junction-to-case ??? 1.0 r cs case-to-sink, flat, greased surface  0.50 ??? c/w r ja junction-to-ambient  ??? 62 r ja junction-to-ambient (pcb mount)  ??? 40 www.kersemi.com
irf640npbf/spbf/lpbf 3 0.01 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v  

     

         0.1 1 10 100 4.0 5.0 6.0 7.0 8.0 9.0 10.0 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 18a      
 www.kersemi.com
4 irf640npbf/spbf/lpbf 
 
          
     !    !  
   0.1 1 10 100 1000 0.1 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 
 
      "#
   $   !    !  
   1 10 100 1000 v ds , drain-to-source voltage (v) 0 500 1000 1500 2000 2500 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 11a v = 40v ds v = 100v ds v = 160v ds 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j www.kersemi.com
irf640npbf/spbf/lpbf 5    "#

  
       
 v ds 90% 10% v gs t d(on) t r t d(off) t f     %&  "#
' &  ()*
      
 1     0.1 %      
  + - 25 50 75 100 125 150 175 0 4 8 12 16 20 t , case temperature ( c) i , drain current (a) c d  "#

  
       
 v ds 90% 10% v gs t d(on) t r t d(off) t f     %&  "#
' &  ()*
      
 1     0.1 %      
    25 50 75 100 125 150 175 0 4 8 12 16 20 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) www.kersemi.com
6 irf640npbf/spbf/lpbf q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - +,  !     
  -!   %&  .(
 &%&  .(
 &  
 t p v (br)dss i as  "#
$& '  
 r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 600 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 4.4a 7.6a 11a www.kersemi.com
irf640npbf/spbf/lpbf 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -   for n-channel hexfet   power mosfets /          
              ?      ?   ! "   
 ? #    $ %  && ?  
 '  
  ($  $ (  ? ) *  #$  ? +$ ,  ? )  -  #$  ($
 !  / www.kersemi.com
8 irf640npbf/spbf/lpbf 

 dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an irf1010 lot code 1789 as s e mb le d on ww 19, 1997 part number assembly lot code dat e code year 7 = 1997 line c week 19 logo rect ifier int e rnat ional note: "p" in assembly line position indicates "lead-free" lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copack 1- gate 2- collector 3- emitter 4- collector www.kersemi.com
irf640npbf/spbf/lpbf 9 n ote: "p " in as s embly line pos ition indicates "l ead-f ree" f 530s t h is is an ir f 530s wit h lot code 8024 as s emb led on ww 02, 2000 in the assembly line "l" as s e mb l y lot code in t e r n at ion al rectifier logo part number date code ye ar 0 = 2000 week 02 line l  f 530s a = assembly site code week 02 p = des ignate s lead-free product (optional) rectifier in t e r n at ion al logo lot code as s e mb l y ye ar 0 = 2000 date code part number  


  

  


 dimensions are shown in millimeters (inches) www.kersemi.com
10 irf640npbf/spbf/lpbf as s e mb l y lot code rectifier int ernat ional as s e mb le d on ww 19, 1997 note: "p" in as s embly line pos ition indicates "l ead-f ree" in the assembly line "c" logo t his is an irl3103l lot code 1789 e xamp l e : line c dat e code week 19 year 7 = 1997 part number part number logo lot code assembly int ernat ional rect ifier product (optional) p = des ignat es lead-f ree a = assembly site code we e k 19 ye ar 7 = 1997 dat e code or to-262 part marking information to-262 package outline  igbt 1- gate 2- collector 3- emitter www.kersemi.com
irf640npbf/spbf/lpbf 11  i sd 11a . di/d  344a/s, v dd  v (br)dss , t j 175c  repetitive rating; pulse width limited by max. junction temperature. 
 starting t j = 25c, l = 4.2mh r g = 25 ? , i as = 11a.  pulse width 400s; duty cycle 2%.  this is only applied to to-220ab package  this is applied to d 2 pak, when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. . 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. d 2 pak tape & reel infomation dimensions are shown in millimeters (inches) www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF640NLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X